Part Number Hot Search : 
KPY62RK LTC3714 SC1486A 2424D TA0656A 33035P 2N6091 MD918F
Product Description
Full Text Search
 

To Download BZT52-C4V3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZT52-C2V4 SERIES
SURFACE MOUNT SILICON ZENER DIODES
VOLTAGE
2.4 to 75 Volts
POWER
500 mWatts
SOD-123
Unit: inch (mm)
FEATURES
* Planar Die construction * 500mW Power Dissipation * Zener Voltages from 2.4~75V * Ideally Suited for Automated Assembly Processes * Pb free product : 99% Sn above can meet RoHS environment substance diective request
.008(.20)MAX .053(1.35) .037(0.95)
.016(.40)MIN .154(3.90) .141(3.60) .110(2.8) .098(2.5)
MECHANICAL DATA
* Case: SOD-123, Molded Plastic * Terminals: Solderable per MIL-STD-750, Method 2026 * Polarity: See Diagram Below * Approx. Weight: 0.01 grams * Mounting Position: Any
.005(.12)MAX
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Parameter Maximum Forward Voltage Drop at IF=100mA Maximum Power Dissipation (Notes A) at 25OC Peak Forward Surge Current, 8.3ms single half sine-wave superimposed on rated load (JEDEC method) (Notes B) Operating Junction and StorageTemperature Range
Symbol VF
.028(0.7) .019(0.5)
Value 1.0 500 4.0 -50 to +150
Units V mW Amps
O
PD IFSM TJ
C
NOTES: A. Mounted on 5.0mm 2(.013mm thick) land areas. B. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
V010-DEC.29.2005
.071(1.8) .055(1.4)
PAGE . 1
BZT52-C2V4 SERIES
N ominal Zener Voltage Part N umber
No m. V
Max. Zener Impedance ZZT @ IZT ZZK @ IZK
mA
Max R everse Leakage C urrent IR @ VR
A V
V Z @ IZT
M i n. V M a x. V
Marking C ode W1 W2 W3 W4 W5 W6 W7 W8 W9 WA WB WC WD WE WF WG WH WI WK WJ WL WM 17C WN WO WP WR WS 28C WT WU WW WX WY WZ XA X2 X3 X4 X5
Pac k ag e
mA
BZT52-C 2V4 BZT52-C 2V7 BZT52-C 3 BZT52-C 3V3 BZT52-C 3V6 BZT52-C 3V9 BZT52-C 4V3 BZT52-C 4V7 BZT52-C 5V1 BZT52-C 5V6 BZT52-C 6V2 BZT52-C 6V8 BZT52-C 7V5 BZT52-C 8V2 BZT52-C 9V1 BZT52-C 10 BZT52-C 11 BZT52-C 12 BZT52-C 13 BZT52-C 14 BZT52-C 15 BZT52-C 16 BZT52-C 17 BZT52-C 18 BZT52-C 20 BZT52-C 22 BZT52-C 24 BZT52-C 27 BZT52-C 28 BZT52-C 30 BZT52-C 33 BZT52-C 36 BZT52-C 39 BZT52-C 43 BZT52-C 47 BZT52-C 51 BZT52-C 56 BZT52-C 62 BZT52-C 68 BZT52-C 75
2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 14 15 16 17 18 20 22 24 27 28 30 33 36 39 43 47 51 56 62 68 75
2.28 2.57 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.89 6.46 7.13 7.79 8.65 9.50 10.45 11.40 12.35 13.30 14.25 15.20 16.15 17.10 19.00 20.90 22.80 25.65 26.60 28.50 31.35 34.20 37.05 40.85 44.65 48.45 53.20 58.90 64.60 71.25
2.52 2.84 3.15 3.47 3.78 4.10 4.52 4.94 5.36 5.88 6.51 7.14 7.88 8.61 9.56 10.50 11.55 12.60 13.65 14.70 15.75 16.80 17.85 18.90 21.00 23.10 25.20 28.35 29.40 31.50 34.65 37.80 40.95 45.15 49.35 53.55 58.80 65.10 71.40 78.75
85 83 95 95 95 95 95 78 60 40 10 8 7 7 10 15 20 20 25 25 30 40 40 50 50 55 80 80 80 80 80 90 90 100 100 100 135 150 200 250
5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 2.5 2.5 2.5 2.5
600 600 600 600 600 600 600 500 480 400 150 80 80 80 100 150 150 150 170 170 200 200 200 225 225 250 250 300 300 300 325 350 350 700 750 750 1000 1000 1000 1000
1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00
100 75 50 25 15 10 5.0 5.0 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 0.8 1.0 2.0 3.0 5.0 6.0 7.0 7.5 8.5 9.0 10.0 10.5 11.0 12.0 13.0 14.0 15.0 17.0 18.0 20.0 22.0 22.5 25.0 27.0 29.0 32.0 35.0 38.0 42.0 46.0 51.0 56
SOD -123 SOD -123 SOD -123 SOD -123 SOD -123 SOD -123 SOD -123 SOD -123 SOD -123 SOD -123 SOD -123 SOD -123 SOD -123 SOD -123 SOD -123 SOD -123 SOD -123 SOD -123 SOD -123 SOD -123 SOD -123 SOD -123 SOD -123 SOD -123 SOD -123 SOD -123 SOD -123 SOD -123 SOD -123 SOD -123 SOD -123 SOD -123 SOD -123 SOD -123 SOD -123 SOD -123 SOD -123 SOD -123 SOD -123 SOD -123
V010-DEC.29.2005
PAGE . 2
BZT52-C2V4 SERIES
TEMPERATURE COEFFICIENT,(mA/ OC)
8 7 6 5 4 3 2
1
TEMPERATURE COEFFICIENT,(mA/ OC)
100
10
0 -1 -2 -3 2 3 4 5 6 7 8 9 10 11 12
1 10
100
NOMINAL ZENER VOLTAGE,VOLTS
NOMINAL ZENER VOLTAGE,VOLTS
Fig.1 TEMPERATURE COEFFICENTS
Fig.2 TEMPERATURE COEFFICENTS
1000
DYNAMIC IMPEDANCE,W
IZ = 1 mA
FORWARD CURRENT,mA
TJ=25 C IZ(AC)=0.1 IZ(DC) F=1 kHZ
O
1000
100
5 mA 20 mA
100
10
10
150OC
75 C
O
25OC
5OC
1
1
10
NORMAL ZENER VOLTAGE, VOLTS
100
1 0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
FORWARD VOLTAGE, VOLTS
Fig.3 EFFECT OF ZENER VOLTAGE ON ZENER IMPEDANCE
Fig.4 TYPICAL FORWARD VOLTAGE
1000
0.6
POWER DISSIPATION, Watts
0 V BIAS 1 V BIAS
T A =25 C
O
TA=25 oC
0.5 0.4 0.3 0.2 0.1 0
CAPACITANCE,pF
100 BIASAT 50% OF VZ NOM 10
1
0 25 50 75 100 125 150
1
10
NORMAL ZENER VOLTAGE, VOLTS
100
TEMPERATURE ( O C)
Fig.5 STEADY STATE POWER DERATING
Fig.6 TYPICAL CAPACITANCE
V010-DEC.29.2005
PAGE . 3
BZT52-C2V4 SERIES
10
-1
10
0
ZENER CURRENT, Amperes
ZENER CURRENT, Amperes
10
-1
10
-2
10
-2
10
-3
10
-3
10
-4
10
-5
10 -4
10
-6
10 -7
10 -5
10
-8
0
2
4
6
8
10
12
10
15
20
25
30
35
40
45
ZENER VOLTAGE, VOLTS Fig.7 ZENER VOLTAGE VERSUS ZENER CURRENT
ZENER VOLTAGE, VOLTS Fig.8 ZENER VOLTAGE VERSUS ZENER CURRENT
1000
LEAKAGE CURRENT,uA
100 10 1 0.1 0.01 0.001 0.0001 0.00001 0 10 20 30 40 50 60 70
+150 C
O
+25 C -55 C
80 90
O
O
NORMAL ZENER VOLTAGE, VOLTS
Fig.9 TYPICAL LEAKAGE CURRENT
V010-DEC.29.2005
PAGE . 4
BZT52-C2V4 SERIES
MOUNTING PAD LAYOUT
ORDER INFORMATION
* Packing information T/R - 10K per 13" plastic Reel T/R - 3K per 7" plastic Reel
LEGAL STATEMENT
Copyright PanJit International, Inc 2005
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
V010-DEC.29.2005
PAGE . 5


▲Up To Search▲   

 
Price & Availability of BZT52-C4V3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X